Part Number Hot Search : 
S3C7434 W14902 W14902 M6800 C68HC70 C5030F0 A6812EEP TSP140B
Product Description
Full Text Search
 

To Download 1N4701DO35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4678 thru 1N4717-1 DO-35 500 mW AXIAL-LEADED ZENER DIODES
SCOTTSDALE DIVISION
DESCRIPTION The 1N4678 thru 1N4717 series of 0.5 watt Zener Voltage Regulators provides a selection from 1.8 to 43 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These glass axial-leaded DO-35 Zeners are also available with an internalmetallurgical-bond option by adding "-1" suffix similar to military requirements on similar Zeners. Microsemi also offers numerous other Zener products to meet higher and lower power applications.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
DO-35 (DO-204AH)
FEATURES
* * * JEDEC registered 1N4678 thru 1N4717 Internal metallurgical bond option available by adding a "-1" suffix Options for screening in accordance with MIL-PRF19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers Surface Mount available in DO-213AA package outline by adding a UR or UR-1 (see separate data sheet for 1N4678UR thru 1N4717UR-1 DO-7 glass body axial-leaded Zener equivalents are also available (see separate data sheet) * * * * * * * * *
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range Guaranteed maximum voltage regulation 10 A to 100 A Voltage selection from 1.8 to 43 V Standard voltage tolerances are plus/minus 5% with no suffix Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively Flexible axial-lead mounting terminals Nonsensitive to ESD per MIL-STD-750 Method 1020 Minimal capacitance (see Figure 3) Inherently radiation hard as described in Microsemi MicroNote 050 CASE: Hermetically sealed axial-lead glass DO-35 (DO-204AH) package TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, method 2026 POLARITY: Cathode indicated by band where diode is to be operated with the banded end positive with respect to the opposite end for Zener regulation MARKING: Part number TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) WEIGHT: 0.2 grams See package dimensions on last page
*
*
MAXIMUM RATINGS
* * Operating and Storage temperature: -65 C to +175C Thermal Resistance: 250 C/W junction to lead at 3/8 (10 mm) lead length from body, or 310 C/W junction to ambient when mounted on FR4 PC board (1 oz Cu) with 4 mm2 copper pads and track width 1 mm, length 25 mm Steady-State Power: 0.5 watts at TL < 50oC 3/8 inch (10 mm) from body or 0.48 W at TA < 25C when mounted on FR4 PC board as described for thermal resistance (see Figure 2 for derating) Forward voltage @200 mA: 1.1 volts (maximum) Solder Temperatures: 260 C for 10 s (max)
MECHANICAL AND PACKAGING
* * *
*
* * * *
1N4678 - 1N4717-1 4678 - 1N4717-1
* *
Copyright 2003 11-05-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N4678 thru 1N4717-1 DO-35 500 mW AXIAL-LEADED ZENER DIODES
SCOTTSDALE DIVISION
*ELECTRICAL CHARACTERISTICS @ 25C JEDEC NOMINAL ZENER MAXIMUM MAXIMUM REVERSE MAXIMUM TYPE ZENER TEST VOLTAGE LEAKAGE CURRENT DC ZENER NUMBER VOLTAGE CURRENT REGULATION CURRENT* (Note 3) (Note 2 & 3) (Note 1) VZ IZT IZM IR @ VR VZ VOLTS VOLTS VOLTS mA A A 1N4678 1.8 50 0.70 7.5 1.0 240 1N4679 2.0 50 0.70 5.0 1.0 220 1N4680 2.2 50 0.75 4.0 1.0 200 1N4681 2.4 50 0.80 2.0 1.0 190 1N4682 2.7 50 0.85 1.0 1.0 180 1N4683 3.0 50 0.90 0.8 1.0 170 1N4684 3.3 50 0.95 7.5 1.5 160 1N4685 3.6 50 0.95 7.5 2.0 150 1N4686 3.9 50 0.97 5.0 2.0 140 1N4687 4.3 50 0.99 4.0 2.0 130 1N4688 4.7 50 0.99 10.0 3.0 120 1N4689 5.1 50 0.97 10.0 3.0 110 1N4690 5.6 50 0.96 10.0 4.0 100 1N4691 6.2 50 0.95 10.0 5.0 90 1N4692 6.8 50 0.90 10.0 5.1 70 1N4693 7.5 50 0.75 10.0 5.7 63.6 1N4694 8.2 50 0.50 1.0 6.2 58.0 1N4695 8.7 50 0.10 1.0 6.6 54.8 1N4696 9.1 50 0.08 1.0 6.9 52.4 1N4697 10.0 50 0.10 1.0 7.6 49.6 1N4698 11.0 50 0.11 0.05 8.4 43.2 1N4699 12.0 50 0.12 0.05 9.1 40.8 1N4700 13.0 50 0.13 0.05 9.8 38.0 1N4701 14.0 50 0.14 0.05 10.6 35.0 1N4702 15.0 50 0.15 0.05 11.4 32.6 1N4703 16.0 50 0.16 0.05 12.1 30.8 1N4704 17.0 50 0.17 0.05 12.9 29.0 1N4705 18.0 50 0.18 0.05 13.6 26.4 1N4706 19.0 50 0.19 0.05 14.4 25.0 1N4707 20.0 50 0.20 0.01 15.2 23.8 1N4708 22.0 50 0.22 0.01 16.7 21.6 1N4709 24.0 50 0.24 0.01 18.2 19.8 1N4710 25.0 50 0.25 0.01 19.0 19.0 1N4711 27.0 50 0.27 0.01 20.4 17.6 1N4712 28.0 50 0.28 0.01 21.2 17.0 1N4713 30.0 50 0.30 0.01 22.8 15.8 1N4714 33.0 50 0.33 0.01 25.0 14.4 1N4715 36.0 50 0.36 0.01 27.3 13.2 1N4716 39.0 50 0.39 0.01 29.6 12.2 1N4717 43.0 50 0.43 0.01 32.6 11.0 *JEDEC registered data except IZM has been increased (doubled) for 500 mW power dissipation capabilities
NOTES: 1. 2. 3. All types as shown are +/-5% tolerance. Also available in 2% and 1% tolerance with suffix C and D respectively. VZ @ 100A minus VZ @ 10A. The electrical characteristics are measured after allowing the device to stabilize for 20 seconds when mounted with 3/8" minimum lead length from the base.
WWW . Microsemi .C OM
1N4678 - 1N4717-1
Copyright 2003 11-05-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N4678 thru 1N4717-1 DO-35 500 mW AXIAL-LEADED ZENER DIODES
SCOTTSDALE DIVISION
GRAPHS
TEMPERATURE COEFFICIENT mV/ C
WWW . Microsemi .C OM
TEMPERATURE COEFFICIENT %/ C
RATED POWER DISSIPATION - mW
Voltage Temperature o Coefficient %/ C
o
mV Change /C
o
TL - LEAD TEMPERATURE ( C) 3/8" FROM BODY or TA on FR4 PC BOARD
o
NOMINAL ZENER VOLTAGE (VOLTS)
FIGURE 1 POWER DERATING CURVE
FIGURE 2 ZENER VOLTAGE TEMPERATURE COEFFICIENT vs. ZENER VOLTAGE PACKAGE DIMENSIONS
TYPICAL CAPACITANCE IN PICOFARADS
At zero volts
At -2 volts (VR)
1N4678 - 1N4717-1
FIGURE 3 CAPACITANCE vs. VZ CURVE
ZENER VOLTAGE VZ
All dimensions in: INCH mm
Copyright 2003 11-05-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of 1N4701DO35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X